Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC14X24X4 Fiches technique(PDF) 5 Page - France Joint

No de pièce VC14X24X4
Description  STANDARD SHAFT SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

VC14X24X4 Fiches technique(HTML) 5 Page - France Joint

  VC14X24X4 Datasheet HTML 1Page - France Joint VC14X24X4 Datasheet HTML 2Page - France Joint VC14X24X4 Datasheet HTML 3Page - France Joint VC14X24X4 Datasheet HTML 4Page - France Joint VC14X24X4 Datasheet HTML 5Page - France Joint VC14X24X4 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
|
|
DIMENSIONS
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
VC 4 x 9 x 3
4.00
9.00
3.00
VC 4 x 18 x 4
4.00
18.00
4.00
VC 5 x 10 x 4
5.00
10.00
4.00
VC 5 x 11 x 3
5.00
11.00
3.00
VC 5 x 14 x 4
5.00
14.00
4.00
VC 5 x 15 x 6
5.00
15.00
6.00
VC 6 x 10 x 2.5
6.00
10.00
2.50
VC 6 x 10 x 4
6.00
10.00
4.00
VC 6 x 11 x 4
6.00
11.00
4.00
VC 6 x 11 x 4.5
6.00
11.00
4.50
VC 6 x 12 x 5
6.00
12.00
5.00
VC 6 x 14 x 4
6.00
14.00
4.00
VC 6 x 18 x 4.5
6.00
18.00
4.50
VC 6 x 19 x 5
6.00
19.00
5.00
VC 6 x 19 x 7
6.00
19.00
7.00
VC 6 x 22 x 7
6.00
22.00
7.00
VC 7 x 13 x 4
7.00
13.00
4.00
VC 7 x 14 x 4
7.00
14.00
4.00
VC 7 x 20 x 5
7.00
20.00
5.00
VC 8 x 12 x 3
8.00
12.00
3.00
VC 8 x 12 x 4
8.00
12.00
4.00
VC 8 x 14 x 4
8.00
14.00
4.00
VC 8 x 15 x 5
8.00
15.00
5.00
VC 8 x 16 x 4
8.00
16.00
4.00
VC 8 x 18 x 3.5
8.00
18.00
3.50
VC 9 x 18 x 5
9.00
18.00
5.00
VC 10 x 15 x 3
10.00
15.00
3.00
VC 10 x 15 x 4
10.00
15.00
4.00
VC 10 x 17 x 3.5
10.00
17.00
3.50
VC 10 x 17 x 5
10.00
17.00
5.00
VC 10 x 19 x 4
10.00
19.00
4.00
VC 10 x 20 x 5
10.00
20.00
5.00
VC 10 x 22 x 3
10.00
22.00
3.00
VC 10 x 24 x 4
10.00
24.00
4.00
VC 11 x 17 x 3
11.00
17.00
3.00
VC 11 x 17 x 6
11.00
17.00
6.00
VC 12 x 16 x 2.5
12.00
16.00
2.50
VC 12 x 17 x 2.5
12.00
17.00
2.50
VC 12 x 17 x 5
12.00
17.00
5.00
VC 12 x 17 x 6
12.00
17.00
6.00
VC 12 x 18 x 3
12.00
18.00
3.00
VC 12 x 18 x 4
12.00
18.00
4.00
VC 12 x 18 x 5
12.00
18.00
5.00
VC 12 x 19 x 3
12.00
19.00
3.00
VC 12 x 20 x 4
12.00
20.00
4.00
VC 12 x 22 x 3
12.00
22.00
3.00
VC 12 x 22 x 4
12.00
22.00
4.00
VC 12 x 24 x 4
12.00
24.00
4.00
VC 12 x 25 x 4.5
12.00
25.00
4.50
VC 13 x 19 x 3
13.00
19.00
3.00
VC 13 x 26 x 4
13.00
26.00
4.00
VC 13 x 31 x 8.5
13.00
31.00
8.50
VC 13 x 32 x 9
13.00
32.00
9.00
VC 14 x 20 x 4
14.00
20.00
4.00
VC 14 x 22 x 4
14.00
22.00
4.00
VC 14 x 24 x 4
14.00
24.00
4.00
VC 14 x 25 x 5
14.00
25.00
5.00
VC 14 x 31 x 8.5
14.00
31.00
8.50
VC 15 x 19 x 6
15.00
19.00
6.00
VC 15 x 21 x 3
15.00
21.00
3.00
VC 15 x 21 x 5
15.00
21.00
5.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
VC 15 x 22 x 5
15.00
22.00
5.00
VC 15 x 23 x 3
15.00
23.00
3.00
VC 15 x 23 x 4
15.00
23.00
4.00
VC 15 x 25 x 4
15.00
25.00
4.00
VC 15 x 26 x 3.5
15.00
26.00
3.50
VC 15 x 30 x 5
15.00
30.00
5.00
VC 16 x 20 x 2.5
16.00
20.00
2.50
VC 16 x 22 x 3
16.00
22.00
3.00
VC 16 x 23 x 3
16.00
23.00
3.00
VC 16 x 23 x 5
16.00
23.00
5.00
VC 16 x 24 x 4
16.00
24.00
4.00
VC 16 x 25 x 5
16.00
25.00
5.00
VC 16 x 26 x 3
16.00
26.00
3.00
VC 16 x 30 x 3
16.00
30.00
3.00
VC 16 x 30 x 5
16.00
30.00
5.00
VC 17 x 21 x 3.2
17.00
21.00
3.20
VC 17 x 22 x 5
17.00
22.00
5.00
VC 17 x 22 x 6
17.00
22.00
6.00
VC 17 x 23 x 3
17.00
23.00
3.00
VC 17 x 26 x 2
17.00
26.00
2.00
VC 17 x 26 x 3
17.00
26.00
3.00
VC 17 x 30 x 5
17.00
30.00
5.00
VC 17 x 35 x 4.8
17.00
35.00
4.80
VC 18 x 22 x 7
18.00
22.00
7.00
VC 18 x 24 x 4
18.00
24.00
4.00
VC 19 x 26 x 4
19.00
26.00
4.00
VC 20 x 25 x 2.5
20.00
25.00
2.50
VC 20 x 26 x 4
20.00
26.00
4.00
VC 20 x 28 x 5
20.00
28.00
5.00
VC 20 x 30 x 4
20.00
30.00
4.00
VC 20 x 30 x 7
20.00
30.00
7.00
VC 20 x 32 x 5
20.00
32.00
5.00
VC 20 x 35 x 7
20.00
35.00
7.00
VC 20 x 40 x 5
20.00
40.00
5.00
VC 20 x 52 x 4
20.00
52.00
4.00
VC 21 x 37 x 7
21.00
37.00
7.00
VC 22 x 26 x 6
22.00
26.00
6.00
VC 22 x 29 x 4
22.00
29.00
4.00
VC 22 x 29 x 5
22.00
29.00
5.00
VC 22 x 30 x 4
22.00
30.00
4.00
VC 22 x 31 x 5
22.00
31.00
5.00
VC 23 x 30 x 4
23.00
30.00
4.00
VC 24 x 31 x 4
24.00
31.00
4.00
VC 24 x 33 x 4
24.00
33.00
4.00
VC 24 x 36 x 4
24.00
36.00
4.00
VC 24 x 38 x 5
24.00
38.00
5.00
VC 25 x 30 x 4
25.00
30.00
4.00
VC 25 x 31 x 5
25.00
31.00
5.00
VC 25 x 32 x 4
25.00
32.00
4.00
VC 25 x 33 x 4
25.00
33.00
4.00
VC 25 x 35 x 7
25.00
35.00
7.00
VC 25 x 38 x 5
25.00
38.00
5.00
VC 25 x 42 x 5
25.00
42.00
5.00
VC 26 x 35 x 4
26.00
35.00
4.00
VC 26 x 40 x 5
26.00
40.00
5.00
VC 28 x 32 x 7
28.00
32.00
7.00
VC 28 x 35 x 5
28.00
35.00
5.00
VC 28 x 37 x 4
28.00
37.00
4.00
VC 28 x 37 x 6
28.00
37.00
6.00
VC 28 x 38 x 5
28.00
38.00
5.00
VC 28 x 40 x 5
28.00
40.00
5.00
ROTARY SEALS | STANDARD SHAFT SEALS |
VC
www.francejoint.com



Html Pages

1 2 3 4 5 6