Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7852CP1 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce L7852CP1
Description  Positive voltage regulators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7852CP1 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button L7852CP1 Datasheet HTML 36Page - STMicroelectronics L7852CP1 Datasheet HTML 37Page - STMicroelectronics L7852CP1 Datasheet HTML 38Page - STMicroelectronics L7852CP1 Datasheet HTML 39Page - STMicroelectronics L7852CP1 Datasheet HTML 40Page - STMicroelectronics L7852CP1 Datasheet HTML 41Page - STMicroelectronics L7852CP1 Datasheet HTML 42Page - STMicroelectronics L7852CP1 Datasheet HTML 43Page - STMicroelectronics L7852CP1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Typical performance
L78xx - L78xxC
40/52
1.
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode
(see fig. 32) to protect the device against input short circuit. In this case the input voltage falls rapidly while
the output voltage decrease slowly. The capacitance discharges by means of the Base-Emitter junction of
the series pass transistor in the regulator. If the energy is sufficiently high, the transistor may be destroyed.
The external diode by-passes the current from the IC to ground.
Figure 37.
Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52