Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB03EQR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STUSB03EQR
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03EQR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STUSB03EQR Datasheet HTML 12Page - STMicroelectronics STUSB03EQR Datasheet HTML 13Page - STMicroelectronics STUSB03EQR Datasheet HTML 14Page - STMicroelectronics STUSB03EQR Datasheet HTML 15Page - STMicroelectronics STUSB03EQR Datasheet HTML 16Page - STMicroelectronics STUSB03EQR Datasheet HTML 17Page - STMicroelectronics STUSB03EQR Datasheet HTML 18Page - STMicroelectronics STUSB03EQR Datasheet HTML 19Page - STMicroelectronics STUSB03EQR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STUSB03E
Package mechanical data
17/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.00
0.118
D2
1.55
1.70
1.80
0.061
0.067
0.071
E
3.00
0.118
E2
1.55
1.70
1.80
0.061
0.067
0.071
e
0.50
0.020
K
0.20
0.008
L
0.30
0.40
0.50
0.012
0.016
0.020
r
0.09
0.006
QFN16 (3mmx3mm) MECHANICAL DATA
E
A
A1
e
K
E2
b
r
D2
K
L
A3
D
This drawing is not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20