Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB03E Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STUSB03E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03E Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STUSB03E Datasheet HTML 12Page - STMicroelectronics STUSB03E Datasheet HTML 13Page - STMicroelectronics STUSB03E Datasheet HTML 14Page - STMicroelectronics STUSB03E Datasheet HTML 15Page - STMicroelectronics STUSB03E Datasheet HTML 16Page - STMicroelectronics STUSB03E Datasheet HTML 17Page - STMicroelectronics STUSB03E Datasheet HTML 18Page - STMicroelectronics STUSB03E Datasheet HTML 19Page - STMicroelectronics STUSB03E Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package mechanical data
STUSB03E
18/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
18.4
0.724
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (3x3) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20