Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F272Z2Q3 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 47Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 48Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 49Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 50Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 51Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 52Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 53Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 54Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 179 page
background image
ST10F272
Central processing unit (CPU)
51/179
7.3
MAC co-processor specific instructions
The Table 27 lists the MAC instructions of the ST10F272. The detailed description of each
instruction can be found in the “ST10 Family Programming Manual”. Note that all MAC
instructions are encoded on 4 Bytes.
Table 27.
MAC instruction set summary
Mnemonic
Description
CoABS
Absolute Value of the Accumulator
CoADD(2)
Addition
CoASHR(rnd)
Accumulator Arithmetic Shift Right & Optional Round
CoCMP
Compare Accumulator with Operands
CoLOAD(-,2)
Load Accumulator with Operands
CoMAC(R,u,s,-,rnd)
(Un)Signed/(Un)Signed Multiply-Accumulate & Optional Round
CoMACM(R)(u,s,-,rnd)
(Un)Signed/(Un)Signed Multiply-Accumulate with Parallel Data
Move & Optional Round
CoMAX / CoMIN
Maximum / Minimum of Operands and Accumulator
CoMOV
Memory to Memory Move
CoMUL(u,s,-,rnd)
(Un)Signed/(Un)Signed multiply & Optional Round
CoNEG(rnd)
Negate Accumulator & Optional Round
CoNOP
No-Operation
CoRND
Round Accumulator
CoSHL / CoSHR
Accumulator Logical Shift Left / Right
CoSTORE
Store a MAC Unit Register
CoSUB(2,R)
Substraction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More