Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78XX Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce L78XX
Description  Positive voltage regulators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78XX Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button L78XX Datasheet HTML 44Page - STMicroelectronics L78XX Datasheet HTML 45Page - STMicroelectronics L78XX Datasheet HTML 46Page - STMicroelectronics L78XX Datasheet HTML 47Page - STMicroelectronics L78XX Datasheet HTML 48Page - STMicroelectronics L78XX Datasheet HTML 49Page - STMicroelectronics L78XX Datasheet HTML 50Page - STMicroelectronics L78XX Datasheet HTML 51Page - STMicroelectronics L78XX Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
L78xx - L78xxC
Package mechanical data
49/52
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
10.50
10.6
10.70
0.413
0.417
0.421
Bo
15.70
15.80
15.90
0.618
0.622
0.626
Ko
4.804.90
5.00
0.189
0.193
0.197
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Tape & reel D2PAK-P2PAK-D2PAK/A-P2PAK/A mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52