Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC173M Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC173M
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173M Fiches technique(HTML) 2 Page - Texas Instruments

  CD74HC173M Datasheet HTML 1Page - Texas Instruments CD74HC173M Datasheet HTML 2Page - Texas Instruments CD74HC173M Datasheet HTML 3Page - Texas Instruments CD74HC173M Datasheet HTML 4Page - Texas Instruments CD74HC173M Datasheet HTML 5Page - Texas Instruments CD74HC173M Datasheet HTML 6Page - Texas Instruments CD74HC173M Datasheet HTML 7Page - Texas Instruments CD74HC173M Datasheet HTML 8Page - Texas Instruments CD74HC173M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Functional Diagram
TRUTH TABLE
INPUTS
DATA
OUTPUT
MR
CP
DATA ENABLE
E1
E2
D
Qn
H
XXXX
L
L
L
XXX
Q0
L
↑
HX
X
Q0
L
↑
XHX
Q0
L
↑
LLLL
L
↑
LL
H
H
H= High Voltage Level
L = Low Voltage Level
X= Irrelevant
↑= Transition from Low to High Level
Q0= Level Before the Indicated Steady-State Input Conditions Were
Established
NOTE:
1. When either OE1 or OE2 (or both) is (are) high, the output is dis-
abled to the high-impedance state, however, sequential opera-
tion of the flip-flops is not affected.
3
4
Q0
10
13
14
D1
D0
E2
E1
12
D2
11
D3
7
CP
OE1
2
MR
OE2
1
15
9
5
6
Q3
Q2
Q1
CD54HC173, CD74HC173, CD54HCT173, CD74HCT173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20