| Moteur de recherche de fiches techniques de composants électroniques |
|
L6566A Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6566A Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 51 page ![]() L6566A Electrical characteristics 13/51 Symbol Parameter Test condition Min. Typ. Max. Unit Reference voltage VREF Output voltage (1) T J = 25 °C; IREF = 1 mA 4.95 5 5.05 V VREF Total variation IREF = 1 to 5 mA, Vcc= 10.6 to 23 V 4.9 5.1 V IREF Short circuit current VREF = 0 10 30 mA Sink capability in UVLO Vcc = 6V; Isink = 0.5 mA 0.2 0.5 V VOV Overvoltage threshold 5.3 5.7 V Internal oscillator fsw Oscillation frequency Operating range 10 300 kHz TJ = 25°C, VZCD = 0, MODE/SC = Open 95 100 105 Vcc=12 to 23 V, VZCD = 0, MODE/SC = Open 93 100 107 VOSC Voltage reference (3) 0.97 1 1.03 V Dmax Maximum duty cycle MODE/SC = Open, VCOMP = 5 V 70 75 % Brownout protection Vth Threshold voltage Voltage falling (turn-off) 0.432 0.450 0.468 V Voltage rising (turn-on) 0.452 0.458 0.518 V IHys Current Hysteresis Vcc > 5V, VVFF = 0.3V 12 15 18 µA VAC_OK_CL Clamp level (1) I AC_OK = 100µA 33.15 3.3 V Line voltage feedforward IVFF Input bias current VVFF = 0 to 3 V, VZCD < VZCDth -1 µA VZCD > VZCDth -0.7 -1 mA VVFF Linear operation range 0 to 3 V VOFF IC disable voltage 3 3.15 3.3 V VVFFlatch Latch-off/clamp level VZCD > VZCDth 6.4 V Kc Control voltage gain (3) VVFF = 1 V, VCOMP = 4 V 0.4 V/V KFF Feedforward gain (3) VVFF = 1 V, VCOMP = 4 V 0.04 V/V Table 5. Electrical characteristics (continued) |