Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce RHFL4913
Description  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button RHFL4913_07 Datasheet HTML 8Page - STMicroelectronics RHFL4913_07 Datasheet HTML 9Page - STMicroelectronics RHFL4913_07 Datasheet HTML 10Page - STMicroelectronics RHFL4913_07 Datasheet HTML 11Page - STMicroelectronics RHFL4913_07 Datasheet HTML 12Page - STMicroelectronics RHFL4913_07 Datasheet HTML 13Page - STMicroelectronics RHFL4913_07 Datasheet HTML 14Page - STMicroelectronics RHFL4913_07 Datasheet HTML 15Page - STMicroelectronics RHFL4913_07 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RHFL4913 ADJUSTABLE VERSION
Packaging
13/16
7
Packaging
RHFL4913 Adjustable is available in high thermal dissipation 16pin hermetic Flat package, which bottom
flange is metallized to allow direct soldering to heat sink (efficient thermal conductivity). It is also available
in SMD5C hermetic ceramic package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16