Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR2080 Fiches technique(PDF) 7 Page - International Rectifier

No de pièce MBR2080
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

MBR2080 Fiches technique(HTML) 7 Page - International Rectifier

  MBR2080 Datasheet HTML 1Page - International Rectifier MBR2080 Datasheet HTML 2Page - International Rectifier MBR2080 Datasheet HTML 3Page - International Rectifier MBR2080 Datasheet HTML 4Page - International Rectifier MBR2080 Datasheet HTML 5Page - International Rectifier MBR2080 Datasheet HTML 6Page - International Rectifier MBR2080 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
7
www.irf.com
1
-
Essential Part Number
2
-
B= D2Pak
6 none
none = TO-262
6 = -1
3
-
Current Rating (20 = 20A)
4
-
Voltage Ratings
5
-
CT
= Essential Part Number
6
none = D2Pak
2 = B
-1
= TO-262
2 none
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free (for TO-262 and D2Pak tube)
P
= Lead-Free (for D2Pak TRR and TRL)
Ordering Information Table
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 01/07
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Device Code
1
5
24
3
MBR
B
20
100
CT
-1
TRL
P
6
7
8
80 = 80V
90 = 90V
100 = 100V



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com