Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74V2T66 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce 74V2T66
Description  Dual bilateral switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T66 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button 74V2T66_07 Datasheet HTML 5Page - STMicroelectronics 74V2T66_07 Datasheet HTML 6Page - STMicroelectronics 74V2T66_07 Datasheet HTML 7Page - STMicroelectronics 74V2T66_07 Datasheet HTML 8Page - STMicroelectronics 74V2T66_07 Datasheet HTML 9Page - STMicroelectronics 74V2T66_07 Datasheet HTML 10Page - STMicroelectronics 74V2T66_07 Datasheet HTML 11Page - STMicroelectronics 74V2T66_07 Datasheet HTML 12Page - STMicroelectronics 74V2T66_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74V2T66
Switching caracteristics test circuit
9/14
Table 9. Crosstalk (control to output)
Figure 10. Channel resistance (RON)
Table 10. ICC (Opr.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14