| Moteur de recherche de fiches techniques de composants électroniques |
|
HTG2190 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HTG2190 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 50 page ![]() Block Diagram HTG2190 Rev. 1.20 2 July 5, 2002 P r o g r a m C o u n t e r P r o g r a m R O M I n s t r u c t i o n R e g i s t e r I n s t r u c t i o n D e c o d e r T i m i n g G e n e r a t i o n O S C O O S C I R E S V D D V S S I n t e r r u p t C i r c u i t I N T C M P 0 M P 1 M U X M U X D A T A M e m o r y A L U S h i f t e r S T A T U S A C C T M R 1 T M R 1 C M U X S Y S C L K / 4 P B 6 / T M R 1 W D T S W D T P r e s c a l e r ¸ 2 5 6 W D T R C O S C 1 6 b i t T M R 0 T M R 0 C M U X S Y S C L K / 4 P B 7 / T M R 0 1 6 b i t P D C P D P O R T D P D 0 ~ P D 7 / S E G 4 8 ~ S E G 5 5 P E C P E P O R T E P E 0 ~ P E 7 / S E G 4 0 ~ S E G 4 7 S T A C K 2 S T A C K 3 S T A C K 4 S T A C K 5 S T A C K 6 S T A C K 7 P C C P C P O R T C P C 0 ~ P C 7 / S E G 5 6 ~ S E G 6 3 P B C P B P O R T B P B 0 , P B 2 ~ P B 7 X I N / P C 7 / S E G 6 3 X O U T / P C 6 / S E G 6 2 L C D M e m o r y L C D D r i v e r C O M 0 ~ C O M 1 5 S E G 0 ~ 3 9 P E 0 ~ P E 7 / S E G 4 0 ~ S E G 4 7 P D 0 ~ P D 7 / S E G 4 8 ~ S E G 5 5 P C 0 ~ P C 5 / S E G 5 6 ~ S E G 6 1 X O U T / P C 6 / S E G 6 2 X I N / P C 7 / S E G 6 3 8 - s t a g e P r e s c a l e r P . D T M R 2 I N T / S I N P A C P A P O R T A P A 0 ~ P A 7 S e r i a l I n t e r f a c e 8 - s t a g e P r e s c a l e r P W M D / A S C L K / P B 5 I N T / S I N S O U T / P B 4 P W M D A C 1 P W M D A C 2 T M R 3 C T M R 3 3 2 7 6 8 H z C r y s t a l M U X S Y S C L K 8 - s t a g e P r e s c a l e r 8 - s t a g e P r e s c a l e r T M R 2 C M U X M U X S Y S C L K P B 0 / P W M 1 P W M 2 / A U D S T A C K 0 S T A C K 1 P W M D A C 1 P W M D A C 2 1 2 b i t s D / A 4 b i t s V o l u m e c o n t r o l R T . S u p p l y V o l t a g e D e t e c t i o n S Y S C L K S Y S C L K |