| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9320 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9320 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 29 page ![]() Selection Table Function Memory Dialing Hold- Line Hand- Free LCD Interface Flash Function Flash Time (ms) Pulse No. Tone Dura- tion (ms) Inter- Tone- Pause (ms) M/B Pin IDD Lock Key- Tone Output On- Hook Store Package Part No. HT9320A SA, R M1~M20 ÖÖ ¾ Control 600 N, N+1 10 -N 82.5 85.5 Ö¾ ¾ Ö 28 DIP Digit 600/300/98 HT9320B SA, R M1~M20 ÖÖ Ö Control 600 N, N+1 10 -N 82.5 85.5 ¾¾¾ ¾ 28 DIP Digit 600/300/98 HT9320C SA, R M1~M20 ¾¾ ¾ Control 600 N, N+1 10 -N 82.5 85.5 ¾¾¾ ¾ 22SKDIP Digit 600/300/98 HT9320H SA, R M1~M20 ÖÖ ¾ Digit 600/100 N 82.5 85.5 Ö¾ ¾ Ö 28 DIP HT9320K SA, R M1~M20 ÖÖ ¾ Control 600 N, N+1 10 -N 82.5 85.5 ¾¾ Ö ¾ 28 DIP Digit 600/300/98 HT9320L SA, R M1~M20 ÖÖ Ö Control 600 N, N+1 10 -N 82.5 85.5 ¾Ö¾ ¾ 28 DIP Digit 600/300/98 HT9320L-X The same as HT9320L, but the voltage polarity of the row group and the column group are reversed. Block Diagram HT9320 Series Rev. 1.10 2 October 1, 2002 M / B C 1 R 1 P O H K S H D I K e y C o l u m n . S M K e y . u n c t i o n E n c o d e r E n c o d e r C o n t r o l W R M C o u n t e r A D D R L K e y R o w S R A M D e b o u n c e D i v i d e r C l o c k G e n e r a t o r M / B . l a s h T i m e r C h e c k T o n e E n c o d e r C o n v e r t e r M o d e I n H D / H . T o n e O u t P u l s e O u t X 1 X 2 D T M . H . I M O D E H . O H D O D O U T C L O C K X M U T E C 8 R 5 H S T K e y t o n e C i r c u i t K T |