| Moteur de recherche de fiches techniques de composants électroniques |
|
HT6221 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6221 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 15 page ![]() Pin Assignment Pad Assignment Chip size: 90 ´ 85 (mil) 2 * The IC substrate should be connected to VDD in the PCB layout artwork. HT6221/HT6222 Rev. 1.50 2 October 1, 2007 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 2 3 4 5 6 7 8 9 1 0 A I N C 1 C 2 C 3 C 4 C 5 C 6 C 7 C 8 L E D R 1 R 2 R 3 R 4 D O U T V D D D 7 X 2 X 1 V S S H T 6 2 2 1 2 0 S O P - A H T 6 2 2 2 2 4 S O P - A R 2 R 1 A I N C 1 C 2 C 3 C 4 C 5 C 6 C 7 C 8 L E D R 3 R 4 R 5 R 6 R 7 R 8 D O U T V D D D 7 X 2 X 1 V S S 1 ( 0 , 0 ) 2 3 4 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 8 7 6 5 R 5 R 6 R 7 R 8 D O U T V D D D 7 X 2 C 7 C 6 C 5 C 4 C 3 C 2 |