| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1622 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1622 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 13 page ![]() Pin Assignment Pad Assignment Chip size: 149 ´ 155 (mil) 2 * The IC substrate should be connected to VDD in the PCB layout artwork. HT1622 Rev. 1.40 2 February 6, 2007 S E G 1 2 N C S E G 8 S E G 9 S E G 1 0 S E G 1 1 N C S E G 1 9 S E G 1 8 S E G 1 7 S E G 1 6 S E G 1 5 S E G 1 4 S E G 1 3 N C N C N C N C S E G 7 4 1 5 1 3 7 3 8 3 9 4 0 4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 5 0 3 3 3 4 3 5 3 6 C S B Z N C R D W R D A T A V S S O S C I V D D V L C D I R Q N C B Z T 1 T 2 C O M 1 N C T 3 C O M 0 1 1 1 2 3 4 5 6 7 8 9 1 0 1 2 1 3 1 4 1 5 1 8 1 9 1 6 1 7 H T 1 6 2 2 6 4 Q F P - A B Z W R R D 1 2 8 2 2 9 3 3 0 4 3 1 5 3 2 6 3 3 7 3 4 8 3 5 9 3 6 1 0 3 7 1 1 3 8 1 2 3 9 1 3 4 0 1 4 4 1 1 5 4 2 1 6 4 3 1 7 4 4 1 8 4 5 1 9 4 6 2 0 4 7 2 1 4 8 2 2 4 9 2 3 5 0 2 4 5 1 2 5 5 2 2 6 5 3 2 7 5 4 ( 0 , 0 ) D A T A V S S O S C I V D D V L C D B Z T 1 T 2 T 3 C O M 0 C O M 1 C S S E G 7 S E G 8 S E G 9 S E G 1 0 S E G 1 1 S E G 1 2 S E G 1 3 S E G 1 4 S E G 1 5 S E G 1 6 S E G 1 7 S E G 1 8 S E G 1 9 I R Q |