Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC622EVB Fiches technique(PDF) 19 Page - Semtech Corporation

No de pièce SC622EVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622EVB Fiches technique(HTML) 19 Page - Semtech Corporation

Back Button SC622EVB Datasheet HTML 13Page - Semtech Corporation SC622EVB Datasheet HTML 14Page - Semtech Corporation SC622EVB Datasheet HTML 15Page - Semtech Corporation SC622EVB Datasheet HTML 16Page - Semtech Corporation SC622EVB Datasheet HTML 17Page - Semtech Corporation SC622EVB Datasheet HTML 18Page - Semtech Corporation SC622EVB Datasheet HTML 19Page - Semtech Corporation SC622EVB Datasheet HTML 20Page - Semtech Corporation SC622EVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
SC622
19
SemWire Interface (continued)
Single Write Operation
Device
Disabled
Device
Enabled
Into Sleep
Resume
Sleep if
all LEDs
are off
Device
Disabled
when low
for tDIS
Start A4 A3 A2
A1 A0
D7
D6
D5
D4
D3
D2
D1 D0
t > tEN
Data
Sample
OSC On
Register Address
t > DDL
t > tDIS
5
high
bits
Min.
Concatenated Write Operation
Start
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Start
t > DDL
Sample
OSC On
(Repeated)
OSC On
Sample
Register Address
Data
To concatenate write operations, repeat Osc On, Sample
and Start after the DO bit of the previous sequence as
shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21