Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC416 Fiches technique(PDF) 32 Page - Semtech Corporation

No de pièce SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Fiches technique(HTML) 32 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 26Page - Semtech Corporation SC416 Datasheet HTML 27Page - Semtech Corporation SC416 Datasheet HTML 28Page - Semtech Corporation SC416 Datasheet HTML 29Page - Semtech Corporation SC416 Datasheet HTML 30Page - Semtech Corporation SC416 Datasheet HTML 31Page - Semtech Corporation SC416 Datasheet HTML 32Page - Semtech Corporation SC416 Datasheet HTML 33Page - Semtech Corporation SC416 Datasheet HTML 34Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
SC416
32
Applications Information (continued)
Component
Value
Manufacturer
Part Number
Web
C1,C2,C5,C6
10uF, 25V
Murata
GRM32DR71E106KA12L
www.murata.com
C10,C11
330uF/6mΩ/2V
Panasonic
EEFSX0D331XR
www.panasonic.com
D1,D2
200mA/30V
OnSemi
BAT54A
www.onsemi.com
D3,D4
1A/40V
OnSemi
MBSR140LT3
www.onsemi.com
L1,L2
1.5uH/19A
Vishay
IHLP5050CER1R5M01
www.vishay.com
Q1,Q2
30V/12.5mΩ
I.R.
IRF7821
www.irf.com
Q3,Q4
30V/12.5mΩ
I.R.
IRF7832
www.irf.com
Reference Design
EN2
C15
100NF
4
D
Q4
IRF7832
VOUT2
+5V
C19
100NF
R5
14K
C21
NO_POP
R7
10K
4
D
Q2
IRF7821
C14
1UF
PGD2
C16
1UF
4
D
Q3
IRF7832
C22
100NF
R3
6.81K
R4
6.81K
C12
100NF
VIN
C2
10UF
C1
10UF
C3
0.22UF
C18
10NF
C23
330PF
R2
100K
R1
100K
C17 10NF
+5V
VOUT1
+
C10
330UF
+5V
C20
NO_POP
VIN Power Input
C9
100NF
R6
10K
LX1
1
BST1
2
VDD1
3
DL1
4
EN1
5
SS1
6
SS2
13
EN2
14
DL2
15
VDD2
16
25
PAD
LX2
18
BST2
17
U1
SC416
BAT54A
D2
1.8V at 10A
R8
1MEG
+
C11
330UF
+5V
+5V
BAT54A
D1
1.5V at 10A
VIN
VIN
C6
10UF
VIN Power Input
C5
10UF
C4
0.22UF
R9
10K
VOUT2
C7
100NF
EN1
C8
100NF
L2
1.5UH
D3
140L
D4
140L
4
D
Q1
IRF7821
C13
100NF
VOUT1
L1
1.5UH
PGD1
Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34