Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC415 Fiches technique(PDF) 15 Page - Semtech Corporation

No de pièce SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Fiches technique(HTML) 15 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 11Page - Semtech Corporation SC415 Datasheet HTML 12Page - Semtech Corporation SC415 Datasheet HTML 13Page - Semtech Corporation SC415 Datasheet HTML 14Page - Semtech Corporation SC415 Datasheet HTML 15Page - Semtech Corporation SC415 Datasheet HTML 16Page - Semtech Corporation SC415 Datasheet HTML 17Page - Semtech Corporation SC415 Datasheet HTML 18Page - Semtech Corporation SC415 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
SC415
15
Figure 8
Design Procedure
Prior to designing a switch mode supply, the input
voltage, load current, and switching frequency must
be specified.
For notebook systems the maximum
input voltage (VINMAX) is determined by the highest
AC adaptor voltage, and the minimum input voltage
(VINMIN) is determined by the lowest battery voltage
after accounting for voltage drops due to connectors,
fuses and battery selector switches.
In general, four parameters are needed to define the
design:
Nominal output voltage (VOUT)
Static or DC output tolerance
Transient response
Maximum load current (IOUT)
Therearetwovaluesofloadcurrenttoconsider:continuous
load current and peak load current. Continuous load
current is concerned with thermal stresses which drive
the selection of input capacitors, MOSFETs and diodes.
Peak load current determines instantaneous component
stresses and filtering requirements such as inductor
saturation, output capacitors and design of the current
limit circuit.
1.
2.
3.
4.
Design example:
VIN = 10V min, 20V max
VOUT1 = 1.8V +/- 4%
Load = 10A maximum
Side1 will be used as an example.
Inductor Selection
Low inductor values result in smaller size but create
higher ripple current. Higher inductor values will reduce
the ripple current but are larger and more costly. Because
wire resistance varies widely for different inductors and
because magnetic core losses vary widely with operating
conditions, it is often difficult to choose which inductor
will optimize efficiency. The general rule is that higher
inductor values have better efficiency at light loads due
to lower core losses and lower peak currents, but at high
load the smaller inductors are better because of lower
resistance. The inductor selection is generally based on
the ripple current which is typically set between 20% to
50% of the maximum load current. Cost, size, output ripple
and efficiency all play a part in the selection process.
The first step is to select the switching frequency. In this
case VOUT1 will be used at a nominal 270kHz.
For 15V input and 1.8V output, the typical on-time is:
TONtyp = VOUT/VIN/Freq
TONtyp = 444nsec.
The timing resistor RTON must be selected to provide
TONtyp:
RTON = (TONtyp – 35) × (VIN/(3.3 × VOUT) – 37
RTON = 976k.
We will use RTON = 1Meg.
Note that side2 will run typically 20% faster than side1, in
this case 320kHz.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com