| Moteur de recherche de fiches techniques de composants électroniques |
|
SC192 Fiches technique(PDF) 14 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC192 Fiches technique(HTML) 14 Page - Semtech Corporation |
|
14 / 15 page ![]() 14 © 2007 Semtech Corp. www.semtech.com SC192 PRELIMINARY POWER MANAGEMENT Outline Drawing - MLPD-10, 3 x 3 MIN aaa bbb b e L N D C E A1 A2 A DIM MILLIMETERS NOM DIMENSIONS MAX NOM INCHES MIN MAX .114 .118 .122 2.90 3.00 3.10 - - - - (LASER MARK) INDICATOR PIN 1 1 N 2 NOTES: CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS. 2. 1. .003 .007 .042 10 .009 .048 - .000 .031 (.008) 0.08 0.23 10 .011 .052 0.18 1.06 .039 - .002 - 0.00 0.80 1.31 0.30 1.21 - 0.05 1.00 (0.20) .004 0.10 0.50 BSC .020 BSC 0.30 .012 .020 .016 0.40 0.50 A aaa C A2 SEATING PLANE A1 A bxN bbb C A B B e C C D LxN E E .074 .079 .083 1.87 2.02 2.12 192 yyww yy = two-digit year of manufacture ww = two-digit week of manufacture Top Marking Marking Information |