Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V033VB Fiches technique(PDF) 2 Page - Ashcroft, Inc.

No de pièce V033VB
Description  3 & 5 Valve Direct Mount Manifolds - V03 Series for 1132 & 1133 Series DP Gauges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASHCROFT [Ashcroft, Inc.]
Site Internet  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

V033VB Fiches technique(HTML) 2 Page - Ashcroft, Inc.

  V033VB Datasheet HTML 1Page - Ashcroft, Inc. V033VB Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 3-5GV-VO3_ds_RevD_01-17-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 2
2
3 & 5 Valve Direct Mount Manifolds -
V03 Series for 1132 & 1133 Series DP Gauges
Example:
50
V03
3VB
SS
86
XP7
Process Connection
25 - ¼ NPT Female
50 - ½ NPT Female
50
Series Code
V03-Valve
V03
Version
3VB 3 Valve manifold
3VB
5VB 5 Valve manifold
Material
SS - 316 Stainless steel
SS
Instrument Connection
86 - Direct mount only (¼ – ¼ swivel nut adapters)
Options (If choosing an option(s) must include an “X”)
X _ _
HY - Hydrostatic testing
NH - Stainless steel tag
P7 - Compliance with power piping ASME B31.1
P7
5G - Valve attached to instrument
2G - Graphite packing
ORDERING CODE
DIMENSIONS (dimensions are decimal inches)
3-Valve Manifold
½ NPT (F) PORT
PROCESS SIDE 2 NOS.
½ NPT (M) PORT
PROCESS SIDE 2 NOS.
MAX. OPEN HEIGHT 245.00
Ø6.5 HOLES 2 NOS
20.0
37.5
95.00
62.1
72.00
½ NPT (F) PORT
PROCESS SIDE 2 NOS.
½ NPT (M) PORT
PROCESS SIDE 2 NOS.
MAX. OPEN HEIGHT 248.00
Ø6.5 HOLES 2 NOS
40.0
100.00
62.1
75.00
20.0
5-Valve Manifold



Html Pages

1 2