| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7FLITE20F2M6 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE20F2M6 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 133 page ![]() ST7LITE2 37/133 INTERRUPTS (Cont’d) Bit 3:2 = ei1[1:0] ei1 pin selection These bits are written by software. They select the Port A I/O pin used for the ei1 external interrupt ac- cording to the table below. External Interrupt I/O pin selection * Reset State Bits 1:0 = ei0[1:0] ei0 pin selection These bits are written by software. They select the Port A I/O pin used for the ei0 external interrupt ac- cording to the table below. External Interrupt I/O pin selection * Reset State Bits 1:0 = Reserved. ei11 ei10 I/O Pin 0 0 PA4 0 1 PA5 1 0 PA6 1 1 PA7* ei01 ei00 I/O Pin 0 0 PA0 * 0 1 PA1 1 0 PA2 1 1 PA3 1 |