| Moteur de recherche de fiches techniques de composants électroniques |
|
SC2545 Fiches technique(PDF) 4 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2545 Fiches technique(HTML) 4 Page - Semtech Corporation |
|
4 / 24 page ![]() 4 ã 2005 Semtech Corp. www.semtech.com SC2545 POWER MANAGEMENT Pin Configurations Ordering Information Q h
ÃI i r
Q h pxht r U r ÃS h t r ÃU $ T 8 !$#$U T U SU ÃÃU T T P Q ! # # R8Ã Ã ' $ R8 T 8 !$#$H GU S U HG QR ! # # R8Ã Ã ' $ R8 T 8 !$# $@ W 7 @ h yh vÃ7 h
q Notes: (1) Only available in tape and reel packaging. A reel contains 2500 devices. (2) Lead free package. Device is fully WEEE and RoHS compiant. Top View Electrical Characteristics (Cont.) 3DUDPHWHU 7HVW &RQGLWLRQV 0LQ 7\S 0D[ 8QLWV 'ULYHU '59+ '59+ 'ULYH &XUUHQW 6RXUFH6LQN $ '59/ '59/ 'ULYH &XUUHQW 6RXUFH6LQN $ *DWH 'ULYH 5LVH 7LPH WR 9FF 9 & PVUÃ S) Q6 *DWH 'ULYH )DOO 7LPH WR 9FF 9 & PVUÃ S) Q6 'HDG 7LPH Q6 293 293 7KUHVKROG 9ROWDJH )HHGEDFN YROWDJH 9 3RZHU JRRG 7KUHVKROG 9ROWDJH )% )% ULVLQJ 9 7KUHVKROG 9ROWDJH )% )% IDOOLQJ 9 3RZHU *RRG 3XOO 'RZQ 6LQN P$ 9 Unless specified: T A = 25 oC, V IN=16V, Fs=200kHz 24 PIN TSSOP MLPQ-24 Top View Note: (1) Guaranteed by design. %67 (1 66 ,/,0 (55287 39&& )% 9,1 9&& 3:5*' 3+$6( 526& '59/ )% $*1' '59/ '59+ '59+ 3*1' (55287 3+$6( 66 %67 ,/,0 %67 (1 66 ,/,0 (55287 39&& )% 9,1 9&& 3:5*' 3+$6( 526& '59/ )% $*1' '59/ '59+ '59+ 3*1' (55287 3+$6( 66 %67 ,/,0 S P T 8 ' 5 9 / 66 A7 Ã (55287 ,/,0 %67 '59+ 3 + $ 6 ( ' 5 9 / 3 * 1 ' 3 9 & & 3 + $ 6 ( )% (55287 66 ,/,0 %67 '59+ @ I W8 8 Ã W DI 6B I 9 Q X S B 9 S P T 8 ' 5 9 / 66 A7 Ã (55287 ,/,0 %67 '59+ 3 + $ 6 ( ' 5 9 / 3 * 1 ' 3 9 & & 3 + $ 6 ( )% (55287 66 ,/,0 %67 '59+ @ I W8 8 Ã W DI 6B I 9 Q X S B 9 |