Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC900AEVB Fiches technique(PDF) 22 Page - Semtech Corporation

No de pièce SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Fiches technique(HTML) 22 Page - Semtech Corporation

Back Button SC900AEVB Datasheet HTML 15Page - Semtech Corporation SC900AEVB Datasheet HTML 16Page - Semtech Corporation SC900AEVB Datasheet HTML 17Page - Semtech Corporation SC900AEVB Datasheet HTML 18Page - Semtech Corporation SC900AEVB Datasheet HTML 19Page - Semtech Corporation SC900AEVB Datasheet HTML 20Page - Semtech Corporation SC900AEVB Datasheet HTML 21Page - Semtech Corporation SC900AEVB Datasheet HTML 22Page - Semtech Corporation SC900AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
.001
MAX
.002
-
.040
NOM
0.80
0.02
(0.20)
0.90
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTES:
2.
1.
1
2
N
E1 .100 .106 .110 2.55 2.70 2.80
PIN 1
INDICATOR
4.10
3.90
4.00 4.10
3.90
.157
.153
.161
.153
.161
aaa C
A
C
(LASER MARK)
D
E
B
A1
A
A2
SEATING
PLANE
LxN
E/2
bxN
bbb
C A B
e
D/2
D1
E1
INCHES
.020 BSC
b
.007
bbb
aaa
N
D1
E
L
e
D
.011
.100
DIM
A1
A2
A
MIN
.000
-
.031
0.30
0.18
.012
0.25
.010
0.50
2.80
0.30
2.55
.004
.004
20
.016
.157
.106
.020
.110
0.10
0.10
20
0.40
4.00
2.70
0.50 BSC
MILLIMETERS
MAX
0.05
-
1.00
DIMENSIONS
MIN
0.00
-
NOM
(.008)
.035
Outline Drawing - MLPQ-20L 4 x 4
Marking Information
Top Marking
yy = two-digit year of manufacture
ww = two-digit week of manufacture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23