| Moteur de recherche de fiches techniques de composants électroniques |
|
CPDQC5V0HT-HF Fiches technique(PDF) 2 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CPDQC5V0HT-HF Fiches technique(HTML) 2 Page - Comchip Technology |
|
2 / 4 page ![]() Rating and Characteristic Curves (CPDQC5V0HT-HF) SMD ESD Protection Diode 0 2 3 4 0 20 100 Fig.4 - Typical Capacitance Between Terminals Characteristics Reverse Voltage, (V) 40 1 5 1 6 11 16 2122 0 2 4 6 8 10 Fig.3 - Typical Clamping Voltage vs. Peak Pulse Current Peak Pulse Current, (A) 12 Mounting on glass epoxy PCBs 0 25 50 75 100 125 0 20 40 60 80 100 120 Fig.2 - Power Rating Derating Curve Ambient Temperature, (°C) Fig.1 - 8/20µs Peak Pulse Current Waveform Acc. IEC 61000-4-5 0 10 15 20 25 30 5 Time, (µs) td= t Ipp/2 e-t 0% 20% 40% 60% 80% 100% 120% Test Waveform parameters tf=8µs td=20µs Ta=25°C Peak Value Ipp 60 80 Page 2 Comchip Technology CO., LTD. Company reserves the right to improve product design , functions and reliability without notice. REV:A QW-G7129 |