| Moteur de recherche de fiches techniques de composants électroniques |
|
CS1009GD8 Fiches technique(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS1009GD8 Fiches technique(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() CS1009 http://onsemi.com 5 PACKAGE DIMENSIONS SO–8 D SUFFIX CASE 751–07 ISSUE V SEATING PLANE 1 4 5 8 N J X 45 _ K A B S D H C 0.10 (0.004) DIM A MIN MAX MIN MAX INCHES 4.80 5.00 0.189 0.197 MILLIMETERS B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.053 0.069 D 0.33 0.51 0.013 0.020 G 1.27 BSC 0.050 BSC H 0.10 0.25 0.004 0.010 J 0.19 0.25 0.007 0.010 K 0.40 1.27 0.016 0.050 M 0 8 0 8 N 0.25 0.50 0.010 0.020 S 5.80 6.20 0.228 0.244 –X– –Y– G M Y M 0.25 (0.010) –Z– Y M 0.25 (0.010) Z S X S M _ ___ TO–92 Z SUFFIX CASE 29–11 ISSUE AL NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J L B K G H SECTION X–X C V D N N XX SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.175 0.205 4.45 5.20 B 0.170 0.210 4.32 5.33 C 0.125 0.165 3.18 4.19 D 0.016 0.021 0.407 0.533 G 0.045 0.055 1.15 1.39 H 0.095 0.105 2.42 2.66 J 0.015 0.020 0.39 0.50 K 0.500 --- 12.70 --- L 0.250 --- 6.35 --- N 0.080 0.105 2.04 2.66 P --- 0.100 --- 2.54 R 0.115 --- 2.93 --- V 0.135 --- 3.43 --- 1 PACKAGE THERMAL DATA Parameter SO–8 TO–92 Unit RΘJC Typical 45 – °C/W RΘJA Typical 165 170 °C/W |