| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1404 Fiches technique(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1404 Fiches technique(HTML) 2 Page - Semtech Corporation |
|
2 / 25 page ![]() 2 2004 Semtech Corp. www.semtech.com SC1404 PRELIMINARY POWER MANAGEMENT Electrical Characteristics Absolute Maximum Ratings R E T E M A R A PS N O I T I D N O CN I MP Y TX A MS T I N U S R E L L O R T N O C S P M S N I A M e g n a R e g a tl o V t u p n I 60 . 0 3V e g a tl o V t u p t u O V 3ti m il t n e r r u c o t A 0 = d a o l V 3 , V 0 3 o t 0 . 6 = + V3 2 . 33 . 37 3 . 3V e g a tl o V t u p t u O V 5ti m il t n e r r u c o t A 0 = d a o l V 5 , V 0 3 o t 0 . 6 = + V9 . 40 . 51 . 5V n o it a l u g e R d a o LL V = # E V A S P ,t i m il t n e r r u c o t A 0 , S P M S r e h ti E4 . 0 -% n o it a l u g e R e n i LL V = # E V A S P , V 0 3 < + V < 0 . 6 , S P M S r e h ti E5 0 . 0V / % Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = 0V, VL load = 0mA, REF load = 0mA, PSAVE# = 0V, T A =-40 to 85°C. Typical values are at T A = +25°C. Circuit = Typical Application Circuit R E T E M A R A PN O I T P I R C S E DM U M I X A MS T I N U D N G o t 5 E S A H P , 3 E S A H P , + V , D D V s e g a tl o V e s a h P d n a y l p p u S0 3 + o t 3 . 0 -V D N G o t 5 E S A H P , 3 E S A H Ps e g a tl o V e s a h P) c e s n 0 0 1 - t n e i s n a r t ( 0 . 2 -V D N G o t 5 H D , 3 H D , 5 T S B , 3 T S Bs e g a tl o v t s o o B6 3 + o t 3 . 0 -V D N G o t D N G P d n u o r G l a n g i S o t d n u o r G r e w o P3 . 0 ±V D N G o t L Vy l p p u S c i g o L6 + o t 3 . 0 -V ; 5 E S A H P o t 5 T S B ; 3 E S A H P o t 3 T S B y l p p u S e v i r D e t a G e d i s - h g i H6 + o t 3 . 0 -V 5 E S A H P o t 5 H D ; 3 E S A H P o t 3 H D s t u p t u O e v i r D e t a G e d i s - h g i H) 3 . 0 + x T S B + ( o t 3 . 0 -V D N G o t 5 L D , 3 L D D N G o t 3 H S C , 3 L S C , 5 H S C , 5 L S C s t u p t u O e v i r D e t a G e d i s - w o L s t u p n i e s n e S t n e r r u C d n a ) 3 . 0 + L V ( + o t 3 . 0 -V , # T E S E R , 5 N O , # E V A S P , Q E S , C N Y S , F E R D N G o t 5 P M O C , 3 P M O C , 5 B F , 3 B F , L V s t u p t u o / s t u p n i c i g o L) 3 . 0 + L V ( + o t 3 . 0 -V D N G o t # N D H S , 3 N O ) V 3 . 0 + + V ( + o t 3 . 0 -V D N G o t t r o h S F E R , L V s u o u n it n o C t n e r r u C F E R 5 +A m t n e r r u C L V 0 5 +A m D N G o t T U O 2 1 ) 3 . 0 + D D V + ( o t 3 . 0 -V D N G o t t r o h S T U O 2 1 s u o u n it n o C t n e r r u C T U O 2 1t n e r r u c t u p t u o V 2 10 0 2 +A m T J e g n a R e r u t a r e p m e T n o it c n u J0 5 1 +C ° e c n a t s i s e R l a m r e h T e g a k c a Pt n e i b m a o t n o it c n u j6 7tt a W / C ° T S e g n a R e r u t a r e p m e T e g a r o t S0 0 2 + o t 5 6 -C ° T L e r u t a r e p m e T d a e L. x a m d n o c e s 0 1 , C ° 0 0 3 +C ° Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied. |