Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1480AEVB Fiches technique(PDF) 16 Page - Semtech Corporation

No de pièce SC1480AEVB
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AEVB Fiches technique(HTML) 16 Page - Semtech Corporation

Back Button SC1480AEVB Datasheet HTML 12Page - Semtech Corporation SC1480AEVB Datasheet HTML 13Page - Semtech Corporation SC1480AEVB Datasheet HTML 14Page - Semtech Corporation SC1480AEVB Datasheet HTML 15Page - Semtech Corporation SC1480AEVB Datasheet HTML 16Page - Semtech Corporation SC1480AEVB Datasheet HTML 17Page - Semtech Corporation SC1480AEVB Datasheet HTML 18Page - Semtech Corporation SC1480AEVB Datasheet HTML 19Page - Semtech Corporation SC1480AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Application Information (Cont.)
As shown below, .B and VSSA should be routed as a differential pair to the output capacitor.
0603
0402
0402
0402
0603
0402
7343
R8
0R
0402
REFIN
1
TON
2
REFOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1480A
C9
1u
C8
1n
R7
10R
R6
10k0
C2
1u
+
C6
220u/15mOhm
VTT
C7
0u1
VSSA
FB
.igure 6: Differential Routing of .eedback and Ground Reference Traces
Next, looking at the power section, the schematic in .igure 7 below shows the power section. The highest di/dts
occur in the input loop (highlighted in red) and thus this loop should be kept as small as possible.
4
1
2
3
5
6
7
8
Q1
FDS6982S
C3
0u1
C1
10u
1210
0603
0402
2525
7343
R8
0R
0402
C4
2n2
VBAT
L1
2u2
+
C6
220u/15mOhm
VTT
.igure 7: Power Section and Input Loop
The input capacitors should be placed with the highest frequency capacitors closest to the loop to reduce EMI. Use
large copper pours to minimize parasitics and losses. See .igure 8 on Page 17 for an example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23