Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC600CIMSTRT Fiches technique(PDF) 8 Page - Semtech Corporation

No de pièce SC600CIMSTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600CIMSTRT Fiches technique(HTML) 8 Page - Semtech Corporation

Back Button SC600CIMSTRT Datasheet HTML 4Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 5Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 6Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 7Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 8Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 9Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 10Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 11Page - Semtech Corporation SC600CIMSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Applications Information (Cont.)
Input Power of SC600 A&C Output Current = 60mA
Input Power of SC600 B&D Output Current = 120mA
250.00
300.00
350.00
400.00
450.00
500.00
550.00
3.00
3.10
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
4.00
4.10
4.20
Input Voltage[V]
SC600A 5.0V & SC600B 4.5V
SC600C 4.5V & SC600D 4.0V
Input Voltage[V]
500.00
550.00
600.00
650.00
700.00
750.00
800.00
850.00
900.00
950.00
1000.00
3.00
3.10
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
4.00
4.10
4.20
Input Voltage[V]
SC600B 4.5V
SC600D 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19