Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58PR512LE96ZB5 Fiches technique(PDF) 88 Page - STMicroelectronics

No de pièce M58PR512LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512LE96ZB5 Fiches technique(HTML) 88 Page - STMicroelectronics

Back Button M58PR512LE96ZB5 Datasheet HTML 84Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 85Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 86Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 87Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 88Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 89Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 90Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 91Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 119 page
background image
Block address tables
M58PR256LE, M58PR512LE, M58PR001LE
88/119
Table 39.
M58PR256LE - block addresses
Block number offset
Block base address offset
0
0000000
1
0020000
2
0040000
3
0060000
4
0080000
5
00A0000
6
00C0000
7
00E0000
8
0100000
9
0120000
10
0140000
11
0160000
12
0180000
13
01A0000
14
01C0000
15
01E0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More