| Moteur de recherche de fiches techniques de composants électroniques |
|
M58PR256LE96ZB5 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58PR256LE96ZB5 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 119 page ![]() M58PR256LE, M58PR512LE, M58PR001LE Description 11/119 Figure 1. Logic diagram Table 1. Signal names Signal name Function Direction A0-Amax(1) 1. Amax is equal to A23 in the M58PR256LE, to A24 in the M58PR512LE, and to A25 in the M58PR001LE. Address inputs Inputs DQ0-DQ15 Data input/outputs, command inputs I/O E Chip Enable Input G Output Enable Input W Write Enable Input RP Reset Input WP Write Protect Input K Clock Input L Latch Enable Input WAIT Wait Output DPD Deep power-down Input VDD Supply voltage VDDQ Supply voltage for input/output buffers VPP Optional supply voltage for fast program and erase VSS Ground VSSQ Ground input/output supply AI12816b A0-Amax W DQ0-DQ15 VDD M58PR256LE M58PR512LE M58PR001LE E VSS 16 G RP WP VDDQ VPP L K WAIT VSSQ DPD |