Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58PR512LE Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce M58PR512LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512LE Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button M58PR512LE Datasheet HTML 85Page - STMicroelectronics M58PR512LE Datasheet HTML 86Page - STMicroelectronics M58PR512LE Datasheet HTML 87Page - STMicroelectronics M58PR512LE Datasheet HTML 88Page - STMicroelectronics M58PR512LE Datasheet HTML 89Page - STMicroelectronics M58PR512LE Datasheet HTML 90Page - STMicroelectronics M58PR512LE Datasheet HTML 91Page - STMicroelectronics M58PR512LE Datasheet HTML 92Page - STMicroelectronics M58PR512LE Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Block address tables
89/119
Table 40.
M58PR512LE - block addresses
Block number offset
Block base address offset
0
0000000
1
0020000
2
0040000
3
0060000
4
0080000
5
00A0000
6
00C0000
7
00E0000
8
0100000
9
0120000
10
0140000
11
0160000
12
0180000
13
01A0000
14
01C0000
15
01E0000
16
0200000
17
0220000
18
0240000
19
0260000
20
0280000
21
02A0000
22
02C0000
23
02E0000
24
0300000
25
0320000
26
0340000
27
0360000
28
0380000
29
03A0000
30
03C0000
31
03E0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More