Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC0136 Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Fiches technique(HTML) 29 Page - Texas Instruments

Back Button AMC0136_V01 Datasheet HTML 25Page - Texas Instruments AMC0136_V01 Datasheet HTML 26Page - Texas Instruments AMC0136_V01 Datasheet HTML 27Page - Texas Instruments AMC0136_V01 Datasheet HTML 28Page - Texas Instruments AMC0136_V01 Datasheet HTML 29Page - Texas Instruments AMC0136_V01 Datasheet HTML 30Page - Texas Instruments AMC0136_V01 Datasheet HTML 31Page - Texas Instruments AMC0136_V01 Datasheet HTML 32Page - Texas Instruments AMC0136_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Dec-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
AMC0136DENR
VSON
DEN
8
5000
330.0
12.4
3.0
3.8
1.2
8.0
12.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34