| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS03 Fiches technique(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS03 Fiches technique(HTML) 1 Page - SYC Electronica |
|
1 / 4 page ![]() Quad 2-Input NAND Gates with Open-Collector Outputs General Description This device contains four independent gates each of which performs the logic NAND function. The open-collector out- puts require external pull-up resistors for proper logical operation. Pull-Up Resistor Equations Where: N1 (IOH) = total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) = total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) = total maximum input low current for all inputs tied to pull-up resistor Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS03M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS03N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LL H LH H HL H HH L 74LS03 www.sycelectronica.com.ar |
Numéro de pièce similaire - 74LS03 |
|
Description similaire - 74LS03 |