| Moteur de recherche de fiches techniques de composants électroniques |
|
LD1085CDT-R Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1085CDT-R Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 27 page ![]() Electrical characteristics LD1085 series 6/27 4 Electrical characteristics Table 3. Electrical characteristics of LD1085#15 (VI=4.5V, CI = CO =10μF, TA = -40 to 125°C, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage (1) 1. See short-circuit current curve for available output current at fixed dropout. IO = 0 mA, TJ = 25°C 1.485 1.5 1.515 V IO = 0 to 3A, VI = 3.1 to 30V 1.47 1.5 1.53 V ΔVO Line Regulation IO = 0 mA, VI = 3.1 to 18V, TJ = 25°C 0.2 4 mV IO = 0 mA, VI = 3.1 to 15V 0.4 4 mV ΔVO Load Regulation IO = 0 to 3A, TJ = 25°C 2 10 mV IO = 0 to 3A 4 20 mV Vd Dropout Voltage IO =3 A 1.3 1.5 V Iq Quiescent Current VI ≤30V 5 10 mA Isc Short Circuit Current VI - VO = 5V 3.2 4.5 A VI - VO = 25V 0.2 0.5 A Thermal Regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply Voltage Rejection f = 120 Hz, CO = 25µF, IO = 3A VI = 7.5 ± 3V 60 72 dB eN RMS Output Noise Voltage (% of VO) TA = 25°C, f =10Hz to 10KHz 0.003 % S Temperature Stability 0.5 % S Long Term Stability TA = 125°C, 1000Hrs 0.5 % |