Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DN3545 Fiches technique(PDF) 5 Page - Supertex, Inc

No de pièce DN3545
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545 Fiches technique(HTML) 5 Page - Supertex, Inc

  DN3545_07 Datasheet HTML 1Page - Supertex, Inc DN3545_07 Datasheet HTML 2Page - Supertex, Inc DN3545_07 Datasheet HTML 3Page - Supertex, Inc DN3545_07 Datasheet HTML 4Page - Supertex, Inc DN3545_07 Datasheet HTML 5Page - Supertex, Inc DN3545_07 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DN3545
3-Lead TO-92 Surface Mount Package (N3)
1 2 3
Seating Plane
1
2
3
Front View
0.175 - 0.205
0.170 - 0.210
0.500 MIN
0.014 - 0.022
0.045 - 0.055
0.095 - 0.105
0.125 - 0.165
0.135 MIN
0.080 - 0.105
0.014 - 0.022
Side View
Top View
Notes:
All dimensions are in millimeters; all angles in degrees.



Html Pages

1 2 3 4 5 6