| Moteur de recherche de fiches techniques de composants électroniques |
|
YAS526C Fiches technique(PDF) 3 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
YAS526C Fiches technique(HTML) 3 Page - YAMAHA CORPORATION |
|
3 / 10 page ![]() YAS526C 3 Pin Functions Power Supply (VDD1, VDD2, IOVDD1, IOVDD2, VSS1, VSS2) These pins are for power supply of YAS526C. VDD1, VDD2 - Power Supply for Core IOVDD1, IOVDD2 - Power Supply for the Interface VSS1, VSS2 - Ground Serial Data Interface (SCL1, SCL2, SDA1, SDA2) SCL1, SCL2 - Serial clock input pin. These pins are used with an external pull-up register. SDA1, SDA2 - Serial data input/output pin. These pins are used with an external pull-up register. Analog Input I1, I2, I3 - A/D input pin Connection of I3 pin to VDD is recommended when using YAS526C with a biaxial inclination sensor connected. Connecting I1, I2, and I3 to VSS is recommended when an inclination sensor is not connected. Others (T1, T2) T1, T2 - Test mode control pin. Normally, these pins are used, connecting with VDD |