| Moteur de recherche de fiches techniques de composants électroniques |
|
HT6014 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6014 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 13 page ![]() Flowchart Note: D8~D11 are transmission enable of the HT6012/HT6014. TE is the transmission enable of the HT6010. Oscillator Frequency vs. Supply Voltage The recommended oscillator frequency is fOSCD (decoder) @ 33 fOSCE (encoder) HT6010/HT6012/HT6014 Rev. 1.20 7 September 9, 2003 T r a n s m i s s i o n e n a b l e d ? N o Y e s C o d e w o r d t r a n s m i t t e d c o n t i n u o u s l y Y e s T r a n s m i s s i o n s t i l l e n a b l e d ? C o d e w o r d t r a n s m i t t e d c o n t i n u o u s l y N o P o w e r o n S t a n d b y m o d e 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 . 0 0 2 . 0 0 ( 3 k H z ) 3 . 0 0 4 . 0 0 5 . 0 0 6 . 0 0 7 . 0 0 V D D ( V D C ) f O S C ( S c a l e ) 2 . 0 M 1 . 5 M 1 . 2 M 1 . 0 M 9 1 0 k 8 2 0 k 7 5 0 k 6 8 0 k 6 2 0 k 5 6 0 k 5 1 0 k 4 7 0 k R O S C ( W ) |