| Moteur de recherche de fiches techniques de composants électroniques |
|
HT12A Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT12A Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 14 page ![]() Block Diagram TE Trigger HT12E DATA Trigger HT12A Note: The address data pins are available in various combinations (refer to the address/data table). Pin Assignment HT12A/HT12E Rev. 1.10 2 January 24, 2003 O s c i l l a t o r ¸ 3 D i v i d e r O S C 1 O S C 2 V D D V S S 1 2 T r a n s m i s s i o n G a t e C i r c u i t ¸ 1 2 C o u n t e r & 1 o f 1 2 D e c o d e r B i n a r y D e t e c t o r T E A 0 A 7 D O U T D a t a S e l e c t & B u f f e r S y n c . C i r c u i t A D 8 A D 1 1 O s c i l l a t o r ¸ 5 7 6 D i v i d e r V D D V S S 1 2 T r a n s m i s s i o n G a t e C i r c u i t ¸ 1 2 C o u n t e r & 1 o f 1 2 D e c o d e r B i n a r y D e t e c t o r D O U T D a t a S e l e c t & B u f f e r S y n c . C i r c u i t L / M B X 2 X 1 A 0 A 7 D 8 D 1 1 8 - A d d r e s s 4 - D a t a A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S V D D D O U T X 1 X 2 L / M D 1 1 D 1 0 D 9 D 8 1 2 3 4 5 6 7 8 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 0 8 - A d d r e s s 4 - D a t a 1 2 3 4 5 6 7 8 9 1 0 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 N C V D D D O U T X 1 X 2 L / M D 1 1 D 1 0 D 9 D 8 N C A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S H T 1 2 A 1 8 D I P - A H T 1 2 A 2 0 S O P - A 8 - A d d r e s s 4 - A d d r e s s / D a t a A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S V D D D O U T O S C 1 O S C 2 T E A D 1 1 A D 1 0 A D 9 A D 8 1 2 3 4 5 6 7 8 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 0 H T 1 2 E 1 8 D I P - A 8 - A d d r e s s 4 - A d d r e s s / D a t a 1 2 3 4 5 6 7 8 9 1 0 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 N C V D D D O U T O S C 1 O S C 2 T E A D 1 1 A D 1 0 A D 9 A D 8 N C A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 V S S H T 1 2 E 2 0 S O P - A |