| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT521 Fiches technique(PDF) 12 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT521 Fiches technique(HTML) 12 Page - Catalyst Semiconductor |
|
12 / 13 page ![]() CAT521 Doc. No. MD-2003 Rev. G 12 © Catalyst Semiconductor, Inc. Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS compliant (Lead-free, Halogen-free). (2) Standard lead finish is Matte-Tin. (3) The device used in the above example is a CAT521WI-T2 (SOIC, Industrial Temperature, Tape & Reel). ORDERING INFORMATION CAT521WI CAT521LI Prefix Device # Suffix CAT 521 W I - T2 Optional Company ID Package L: PDIP W: SOIC Temperature Range I = In dustrial (-40ºC to 85ºC) Product Number 521 Tape & Reel T2: 2000/Reel |