Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440GX-3RF800C Fiches technique(PDF) 81 Page - Applied Micro Circuits Corporation

No de pièce PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Fiches technique(HTML) 81 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 84Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 85Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
81
Revision 1.15 – August 30, 2007
Data Sheet
I/O Timing—DDR SDRAM TDS
Notes:
1. All of the DQS signals are referenced to MemClkOut0(0).
2. The TDS values in the table include 3/4 of a cycle at the indicated clock speed.
3. To obtain adjusted values for lower clock frequencies, subtract 4.5 ns from the 166MHz values in the table and add 3/4 of the
cycle time for the lower clock frequency (TDS - 4.5 + 0.75TCYC).
Clock Speed (MHz)
Signal Name
TDS (ns)
Minimum
Maximum
166
DQS0
4.902
5.601
166
DQS1
4.872
5.535
166
DQS2
4.842
5.511
166
DQS3
4.855
5.546
166
DQS4
4.832
5.504
166
DQS5
4.867
5.525
166
DQS6
4.825
5.488
166
DQS7
4.880
5.543
166
DQS8
4.826
5.484
200
DQS0
3.660
4.295
200
DQS1
3.672
4.298
200
DQS2
3.664
4.293
200
DQS3
3.660
4.290
200
DQS4
3.671
4.294
200
DQS5
3.666
4.305
200
DQS6
3.666
4.296
200
DQS7
3.658
4.271
200
DQS8
3.662
4.291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93