Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440GX-3RF667CZ Fiches technique(PDF) 5 Page - Applied Micro Circuits Corporation

No de pièce PPC440GX-3RF667CZ
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF667CZ Fiches technique(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC440GX-3RF667CZ Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
5
Revision 1.15 – August 30, 2007
Data Sheet
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. Refer to the PPC440GX User’s Manual for details on accessing these
registers.
Order Part Number Key
PPC440GX
PPC440GX-3NF533C
533MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3NF533E
533MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3NF667C
667MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3NF667E
667MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
Notes:
1. Package code: C = leaded ceramic, F = plastic, R = reduced-lead ceramic (RoHS compliant), N = lead-free plastic (RoHS compliant).
2. Case Temperature Range code: C = -40 °C to +85 °C, E = -40 °C to +105 °C for C package and -40 °C to +100 °C for F package, S = -
40 °C to +85 °C and no L2 cache support.
3. Z at the end of the Order Part Number indicates a tape-and-reel shipping package. Otherwise, the chips are shipped in a tray.
4. Revision code: C = rev 2.1, F = rev 3.1.
Order Part Numbers (Continued)
Product
Name
Order Part Number
(See Notes and Key drawing)
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
Part Number
PPC440GX-3CC800Ex
Package
Processor Speed
Grade 3 Reliability
Case Temperature Range
Revision Level
Shipping Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com