Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440GP-3CC466C Fiches technique(PDF) 47 Page - Applied Micro Circuits Corporation

No de pièce PPC440GP-3CC466C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC466C Fiches technique(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC466C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
47
Revision 1.07 – October 4, 2007
Data Sheet
Strapping Pins
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 80). Note that
these are not multiplexed pins since the function of the pins is not programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83