Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC405GPR-3JB333Z Fiches technique(PDF) 18 Page - Applied Micro Circuits Corporation

No de pièce PPC405GPR-3JB333Z
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB333Z Fiches technique(HTML) 18 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB333Z Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 22Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
18
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
GND
AB9
AB13
AB14
AB18
AB22
AC4
AC23
AD3
AD24
AE1
AE2
AE25
AF1
AF6
AF8
AF11
AF16
AF21
AF25
AF26
Ground
Note: L11-L16, M11-M16, N11-N16, P11-P16, R11-R16, and T11-T16 are also
thermal balls.
37
Gnt[PCIReq0]
C19
PCI
30
GPIO1[TS1E]
GPIO2[TS2E]
GPIO3[TS1O]
GPIO4[TS2O]
GPIO5[TS3]
GPIO6[TS4]
GPIO7[TS5]
GPIO8[TS6]
GPIO9[TrcClk]
D18
C20
A22
AF18
AC9
AE8
AF5
AC7
AB3
System
35
[GPIO10]PerCS1
[GPIO11]PerCS2
[GPIO12]PerCS3
[GPIO13]PerCS4
[GPIO14]PerCS5
[GPIO15]PerCS6
[GPIO16]PerCS7
C4
C5
A4
B9
B10
A9
B11
System
35
[GPIO17]IRQ0
[GPIO18]IRQ1
[GPIO19]IRQ2
[GPIO20]IRQ3
[GPIO21]IRQ4
[GPIO22]IRQ5
[GPIO23]IRQ6
GPIO24
V25
V23
W24
W25
Y24
Y25
AA24
D20
System
35
Halt
AB26
System
35
HoldAck
U2
External Master Peripheral
34
HoldPri
T2
External Master Peripheral
34
HoldReq
V1
External Master Peripheral
34
IICSCL
AD6
Internal Peripheral
34
IICSDA
AE7
Internal Peripheral
34
IRQ0[GPIO17]
IRQ1[GPIO18]
IRQ2[GPIO19]
IRQ3[GPIO20]
IRQ4[GPIO21]
IRQ5[GPIO22]
IRQ6[GPIO23]
V25
V23
W24
W25
Y24
Y25
AA24
Interrupts
35
Signals Listed Alphabetically (Sheet 3 of 9)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57