| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC405GP-3FE200CZ Fiches technique(PDF) 36 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3FE200CZ Fiches technique(HTML) 36 Page - Applied Micro Circuits Corporation |
|
36 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor 36 AMCC Revision 2.03 – September 7, 2007 Data Sheet PCIGnt0[Req] Gnt0 when internal arbiter is used or Req when external arbiter is used. O 5V tolerant 3.3V PCI PCIGnt1:5 Used as PCIGnt1:5 output when internal arbiter is used. O 5V tolerant 3.3V PCI Ethernet Interface PHYRxD3:0 Received data. This is a nibble wide bus from the PHY. The data is synchronous with the PHYRxClk. I 5V tolerant 3.3V LVTTL 1 EMCTxD3:0 Transmit data. A nibble wide data bus towards the net. The data is synchronous to the PHYTxClk. O 5V tolerant 3.3V LVTTL 6 PHYRxErr Receive Error. This signal comes from the PHY and is synchronous to the PHYRxClk. I 5V tolerant 3.3V LVTTL 1 PHYRxClk Receiver Medium clock. This signal is generated by the PHY. I 5V tolerant 3.3V LVTTL 1 PHYRxDV Receive Data Valid. Data on the Data Bus is valid when this signal is activated. Deassertion of this signal indicates end of the frame reception. I 5V tolerant 3.3V LVTTL 1 PHYCrS Carrier Sense signal from the PHY. This is an asynchronous signal. I 5V tolerant 3.3V LVTTL 1 EMCTxErr Transmit Error. This signal is generated by the Ethernet controller, is connected to the PHY and is synchronous with the PHYTxClk. It informs the PHY that an error was detected. O 5V tolerant 3.3V LVTTL 6 EMCTxEn Transmit Enable. This signal is driven by the EMAC to the PHY. Data is valid during the active state of this signal. Deassertion of this signal indicates end of frame transmission. This signal is synchronous to the PHYTxClk. O 5V tolerant 3.3V LVTTL 6 PHYTxClk This clock comes from the PHY and is the Medium Transmit clock. I 5V tolerant 3.3V LVTTL 1 PHYCol Collision signal from the PHY. This is an asynchronous signal. I 5V tolerant 3.3V LVTTL 1 EMCMDClk Management Data Clock. The MDClk is sourced to the PHY. This clock has a period of 400ns, adjustable via EMAC0_STACR[OPBC]. Management information is transferred synchronously with respect to this clock. O 5V tolerant 3.3V LVTTL EMCMDIO[PHYMDIO] Management Data Input/Output is a bidirectional signal between the Ethernet controller and the PHY. It is used to transfer control and status information. I/O 5V tolerant 3.3V LVTTL 1 Signal Functional Description (Part 2 of 8) Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball. Notes: 1. Receiver input has hysteresis. 2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values. 3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values. 4. If not used, must pull up. 5. If not used, must pull down. 6. Strapping input during reset; pull up or pull down as required. 7. Pull-up may be required. See “External Bus Control Signals” on page 34. Signal Name Description I/O Type Notes |