Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC405GPR-3KB266Z Fiches technique(PDF) 25 Page - Applied Micro Circuits Corporation

No de pièce PPC405GPR-3KB266Z
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3KB266Z Fiches technique(HTML) 25 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3KB266Z Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 29Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
25
Revision 2.04 – September 7, 2007
Data Sheet
Signals Listed by Ball Assignment (Sheet 1 of 3)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
A1
GND
B14
DMAAck2
D1
PerWBE3
E14
GND
A2
GND
B15
DMAAck1
D2
PerWBE0
E15
VDD
A3
PerAddr1
B16
PCIAD1
D3
PerPar0
E16
VDD
A4
PerCS3[GPIO12]
B17
OVDD
D4
GND
E17
VDD
A5
PerAddr8
B18
PCIAD6
D5
PerAddr0
E18
GND
A6
GND
B19
PCIReq2
D6
PerAddr4
E19
OVDD
A7
DMAReq3
B20
PCIClk
D7
PerAddr7
E20
OVDD
A8
PerAddr15
B21
PCIAD8
D8
PerAddr11
E21
OVDD
A9
PerCS6[GPIO15]
B22
PCIAD11
D9
PerAddr14
E22
AGND
A10
PerAddr19
B23
PCIAD12
D10
PerAddr17
E23
Reserved
A11
GND
B24
PCIReset
D11
PerAddr20
E24
Reserved
A12
PerAddr25
B25
GND
D12
PerAddr23
E25
PHYTxClk
A13
PerAddr26
B26
GND
D13
PerAddr22
E26
PCIParity
A14
PerAddr28
C1
PerR/W
D14
DMAReq1
F1
GND
A15
PerAddr29
C2
PerOE
D15
PerAddr31
F2
PerBLast
A16
GND
C3
GND
D16
DMAAck0
F3
EOT0/TC0
A17
PCIAD0
C4
PerCS1[GPIO10]
D17
PCIAD4
F4
PerWBE2
A18
PCIAD3
C5
PerCS2[GPIO11]
D18
GPIO1[TS1E]
F5
OVDD
A19
GND
C6
PerAddr6
D19
PCIC0[BE0]F22
OVDD
A20
PCIAD7
C7
PerAddr10
D20
GPIO24
F23
PCIGnt2
A21
GND
C8
PerAddr13
D21
PCIAD10
F24
PCIC1[BE1]
A22
GPIO3[TS1O]
C9
PerAddr16
D22
SysReset
F25
PCIAD15
A23
PCIAD9
C10
PerAddr18
D23
GND
F26
GND
A24
PCIReq3
C11
DMAReq2
D24
TmrClk
G1
PerData29
A25
SysClk
C12
DMAAck3
D25
AVDD
G2
EOT1/TC1
A26
GND
C13
OVDD
D26
TestEn
G3
PerPar2
B1
PerErr
C14
PerAddr27
E1
PerPar3
G4
PerPar1
B2
GND
C15
PerAddr30
E2
PerWBE1
G5
OVDD
B3
PerCS0
C16
DMAReq0
E3
PerReady
G22
OVDD
B4
PerAddr2
C17
PCIAD2
E4
PerClk
G23
PCIReq4
B5
PerAddr3
C18
PCIAD5
E5
GND
G24
PCISErr
B6
PerAddr5
C19
PCIReq0[Gnt]E6
OVDD
G25
PCIPErr
B7
PerAddr9
C20
GPIO2[TS2E]
E7
OVDD
G26
PCITRDY
B8
PerAddr12
C21
PCIReq1
E8
OVDD
H1
GND
B9
PerCS4[GPIO13]
C22
PCIAD13
E9
GND
H2
PerData30
B10
PerCS5[GPIO14]
C23
PCIINT[PerWE]E10
VDD
H3
PerData28
B11
PerCS7[GPIO16]
C24
GND
E11
VDD
H4
PerData31
B12
PerAddr21
C25
Reserved
E12
VDD
H5
OVDD
B13
PerAddr24
C26
PCIAD14
E13
GND
H22
OVDD
H23
PCIStop
M1
PerData12
P14
GND
U1
PerData2
H24
EMCMDClk
M2
PerData17
P15
GND
U2
HoldAck
H25
PCIDevSel
M3
PerData14
P16
GND
U3
PerData1
H26
PCIGnt3
M4
PerData15
P22
GND
U4
PerData0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57