Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

405GP Fiches technique(PDF) 23 Page - Applied Micro Circuits Corporation

No de pièce 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Fiches technique(HTML) 23 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 19Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 20Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 21Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 22Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 23Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 24Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 25Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 26Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 27Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
23
Revision 2.03 – September 7, 2007
Data Sheet
PerAddr0
PerAddr1
PerAddr2
PerAddr3
PerAddr4
PerAddr5
PerAddr6
PerAddr7
PerAddr8
PerAddr9
PerAddr10
PerAddr11
PerAddr12
PerAddr13
PerAddr14
PerAddr15
PerAddr16
PerAddr17
PerAddr18
PerAddr19
PerAddr20
PerAddr21
PerAddr22
PerAddr23
PerAddr24
PerAddr25
PerAddr26
PerAddr27
PerAddr28
PerAddr29
PerAddr30
PerAddr31
G7
J12
C11
C3
A2
C4
B3
D6
C5
B4
D7
A3
D8
D9
B5
A4
C8
C9
A5
B7
B8
A7
B10
B11
C12
A9
B12
A10
A12
A14
B13
G12
D5
A3
B4
B5
D6
B6
C6
D7
A5
B7
C7
D8
B8
C8
D9
A8
C9
D10
C10
A10
D11
B12
D13
D12
B13
A12
A13
C14
A14
A15
C15
D15
External Slave Peripheral
Note: PerAddr0 is the most significant bit (msb) on this bus.
37
PerBLast
D3
F2
External Slave Peripheral
37
PerClk
J9
E4
External Master Peripheral
39
PerCS0
PerCS1[GPIO10]
PerCS2[GPIO11]
PerCS3[GPIO12]
PerCS4[GPIO13]
PerCS5[GPIO14]
PerCS6[GPIO15]
PerCS7[GPIO16]
G11
H11
G8
D5
C7
D10
B6
C10
B3
C4
C5
A4
B9
B10
A9
B11
External Slave Peripheral
37
Signals Listed Alphabetically (Part 7 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59