Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SPE-RNB533C Fiches technique(PDF) 35 Page - Applied Micro Circuits Corporation

No de pièce PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Fiches technique(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
35
Preliminary Data Sheet
PCIX0INTA
U02
PCI-X0
50
PCIX0IRDY
AB01
PCIX0M66En
A09
PCIX0Par
W01
PCIX0Par64
AD03
PCIX0PErr
N09
PCIX0PLLG
AE01
PCIX0PLLV
AD01
PCIX0Req0
R02
PCIX0Req1
K02
PCIX0Req2
K05
PCIX0Req3
M02
PCIX0Req64
AC03
PCIX0Reset
L03
PCIX0Serr
AF05
PCIX0Stop
AD05
PCIX0TRDY
AB03
PCIX0VC
M01
PCIX0VRef0
Y08
PCIX0VRef1
T09
PerAddr0
E13
External Slave Peripheral (EBC)
54
PerAddr1
E14
PerAddr10
B16
PerAddr11
E15
PerAddr12
F11
PerAddr13
D11
PerAddr14
C10
PerAddr15
B09
Table 3. Signals Listed Alphabetically (Sheet 19 of 25)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80