| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC440SP-RNC533C Fiches technique(PDF) 4 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SP-RNC533C Fiches technique(HTML) 4 Page - Applied Micro Circuits Corporation |
|
4 / 85 page ![]() PowerPC 440SP Embedded Processor 4 AMCC Proprietary Revision 1.23 - Sept 26, 2006 Data Sheet Ordering and PVR Information For information about the availability of the following parts, contact your local AMCC sales office. Each part number contains a revision code. This is the die mask revision number and is included in the part number for identification purposes only. The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain information that uniquely identifies the part. See the PPC440SP Embedded Processor User’s Manual for details about accessing these registers. Note: Raid-enabled versions (Product Feature = R) require a RAID key license. Figure 1. Order Part Number Key Product Name Order Part Number (see Notes:) Package Rev Level PVR Value JTAG ID PPC440SP PPC440SP-xpCfffC 29mm, 783 FC-PBGA C 0x53221891 0x12056049 Notes: 1. x = Product Feature A = RAID6 not enabled R = RAID6 enabled 2. p = Module Package Type F = leaded FC-PBGA N = lead free FC-PGBA (RoHS compliant) 3. C = Chip Revision Level C 4. fff = Processor Frequency 533 = 533MHz 667 = 667MHz 5. C = Case Temperature Range of -40°C to +100°C AMCC Part Number PPC440SP-RNC667C Package Processor Speed Product Feature Revision Level Case Temperature Range Note: The example part number above is a RAID6-enabled, lead-free package, at Chip Revision Level C, capable of running at 667 MHz, and is shipped in tray packaging. |