Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SPE Fiches technique(PDF) 12 Page - Applied Micro Circuits Corporation

No de pièce PPC440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE Fiches technique(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
PowerPC 440SPe Embedded Processor
12
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
• PCI-X initialization sequence support (frequency & mode determination)
• Support for unexpected split completions
• Outbound transaction split discard timers
• Vital Product Data (VPD) support
• PCI-X to PCI-Express opaque bridge
DDR1/DDR2 SDRAM Memory Controller
The DDR2 SDRAM memory controller supports industry standard 184-pin DIMMs, SO-DIMMs, and other discrete
devices. Global memory timings, address and bank sizes, and memory addressing modes are programmable. The
DDR2 SDRAM controller interfaces to the PLB through a Memory Queue (MQ) function that includes six high-
speed 1KB FIFO buffers.
Features include:
• Registered and non-registered industry standard DIMMs
• DDR2 400/667 support
• 64-and 32-bit memory interfaces with optional 8-bit ECC (SEC/DED)
• 5.32GB/s peak bandwidth for the 64-bit interface
• 2.66GB/s peak bandwidth for the 32-bit interface
• Four chip (bank) select signals supporting 4 external banks
• CAS latencies of 2, 3, 4, 5, 6, and 7 supported
• Page mode accesses (up to 32 open pages) with configurable paging policy
• Look-ahead request queue with programmable depth of four commands.
• Optional optimized command scheduling (activate/precharge non-conflicting banks while accessing the current
bank)
• Up to 16GB in four external banks
• Up to 6 MemClkout signals for high loading unbuffered DIMMS.
• Programmable address mapping and timing
• Hardware and software initiated self-refresh
• Sync DRAM configuration by means of mode register and extended mode register set commands
• Power management (self-refresh, suspend, sleep)
• Low Latency & High Bandwidth PLB ports
• Selectable PLB read response (immediate or deferred)
• Programmable Low Latency & High Bandwidth arbitration schemes
• High Bandwidth port has four 1KB read buffers and two 1KB write buffers
• Low Latency port has four 128B read buffers and two 128B write buffers
External Peripheral Bus Controller (EBC)
Features include:
• Support Boot ROM on Bank 0; programmable size 2, 4, 8,16 MB
• Up to three ROM, EPROM, SRAM, Flash memory, and slave peripherals supported
• Burst and non-burst devices
• 16 or 8-bit data bus
• 27-bit address, 128MB address space for Banks 1 & 2
• Peripheral Device pacing with external “Ready”
• Latch data on Ready, synchronous or asynchronous
• Programmable access timing per device
– 256 Wait States for non-burst
– 32 Burst Wait States for first access and up to 8 Wait States for subsequent accesses
– Programmable CSon, CSoff relative to address
– Programmable OEon, WEon, WEoff (1 to 4 clock cycles) relative to CS
• Programmable address mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80