Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT8KB6 Fiches technique(PDF) 10 Page - Rohm

No de pièce HT8KB6
Description  40V NchNch Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

HT8KB6 Fiches technique(HTML) 10 Page - Rohm

Back Button HT8KB6 Datasheet HTML 6Page - Rohm HT8KB6 Datasheet HTML 7Page - Rohm HT8KB6 Datasheet HTML 8Page - Rohm HT8KB6 Datasheet HTML 9Page - Rohm HT8KB6 Datasheet HTML 10Page - Rohm HT8KB6 Datasheet HTML 11Page - Rohm HT8KB6 Datasheet HTML 12Page - Rohm HT8KB6 Datasheet HTML 13Page - Rohm HT8KB6 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HT8KB6
Datasheet
l
lMeasurement circuits <It is the same for the Tr1 and Tr2>
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
Fig.3-1 Avalanche Measurement Circuit
Fig.3-2 Avalanche Waveform
l
lNotice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
www.rohm.com
© 2023 ROHM Co., Ltd. All rights reserved.
10/11
20231023 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14